PART |
Description |
Maker |
HCS05C HCS0503C |
Value applying Rated Voltage
|
JL World Company Limite...
|
HCM1201A HCM1212A HCM1203A HCM1206A |
Value applying Rated Voltage Electro-Magnetic Sound Generators
|
JL World Company Limite... JL World Company Limited. http://
|
C62122-A132-B95 B84115-E-A110 B84115-E-A30 B84115- |
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
|
EPCOS AG EPCOS[EPCOS]
|
B84142-B8-R B84142-B12-R B84142-B16-R |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
|
EPCOS[EPCOS]
|
B84142-A60-R B84142-A10-R B84142-A20-R B84142-A30- |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
|
EPCOS[EPCOS]
|
B84110-B-A14 |
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
|
EPCOS AG
|
B84110-A-A5 B84110-A-A10 B84110-A-A40 B84110-A-A60 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A 单相额定电压250系统的电源线滤波器,50/60赫兹额定电流0.5 A
|
EPCOS AG
|
B84110A B84110A0000A005 B84110A0000A010 B84110A000 |
EMC filters Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
|
EPCOS[EPCOS]
|
RE028 |
RE028 [Updated 3/03. 9 Pages] The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage. rated for loads up The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage, rated for loads up to 300 mA. It is designed to supply radio frequency synthesizers and used as a controller for the antenna switch.
|
Atmel
|
AN1122 |
APPLYING PROTECTION AND UNPROTECTION TO M29 SERIES FLASH MEMORIES
|
SGS Thomson Microelectronics
|
RE023 |
RE023 [Updated 2/03. 9 Pages] The RE023 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage. rated for loads of up Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage, rated for loads of up to 160 mA. A typical application is radio section supply in mobile terminals.
|
ATMEL[ATMEL Corporation]
|
GRM0112C1ER70BE01 |
Rated voltage
|
Murata Manufacturing Co...
|